Part Number Hot Search : 
W90210F 04C12 BD136G 04C12 TB6537PG 30130 P1504 84C011
Product Description
Full Text Search
 

To Download HS520A1M000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HSP Series
1.50 / 38.10 min.
FEATURES
* Accuracy to 0.001% absolute * Shelf life to 10 ppm/year * Temperature coefficient to 3 ppm/C, -10C to +80C * Low voltage coefficient * Low noise * Extremely low thermal EMF * Available in 4-terminal on HS500 series * Oil-filled version available Part Marking: * Ohmite * Model * Resistance value * Resistance tolerance * Date code
Hermetically Sealed Precision Ultra-High Stability Axial Terminals
B D
C
20 AWG (0.032 / 0.813) ex. HS185A: 22 AWG (0.026 / 0.660)
Maximum Power Dimensions (in./mm) Resistance Rating Maximum Value* @ 25C Voltage D B C Model (ohms) (watts) (volts) 0.010/0.254** 0.020/0.508 0.030/0.762 HS185A 1.0M 0.125 300 0.187 / 4.75 0.500 / 12.70 0.625 / 15.88 HS205A 1.4M 0.25 300 0.250 / 6.35 0.500 / 12.70 0.562 / 14.27 HS207A 2.8M 0.40 600 0.250 / 6.35 0.750 / 19.05 0.812 / 20.62 HS210A 3.0M 0.50 600 0.250 / 6.35 1.00 / 25.40 1.063 / 27.00 HS308A 5.6M 0.60 600 0.375 / 9.52 0.820 / 20.80 0.920 / 23.35 HS310A 7.6M 0.80 600 0.375 / 9.52 1.00 / 25.40 1.050 / 26.67 HS510A 24M 1.00 600 0.500 / 12.70 1.05 / 25.40 1.220 / 30.99 HS515A 35M 1.25 600 0.500 / 12.70 1.50 / 38.10 1.605 / 40.77 HS520A 43M 1.50 900 0.500 / 12.70 2.00 / 50.80 2.160 / 54.86 *Minimum Value = 10 **Clear sleeving available, add 0.040"/ 1.016mm to body diam.
O R D E R I N G I N F O R M AT I O N
H S 1 8 5 A SL1 M 0 0 0 T
Oil-Filled Type Wattage Resistance 185 = 0.125W A = Non oil-filled 1R000 = 1 F = Oil-filled 205 = 0.25 10R00 = 10 207 = 0.40 100R0 = 100 210 = 0.50 1K000 = 1000 Sleeving 308 = 0.60 SL = with sleeving 10K00 = 10 K 310 = 0.80 100K0 = 100 K blank = without 510 = 1.00 1M000 = 1 M 515 = 1.25 520 = 1.50
Tolerance T = 0.01% Q = 0.02% A = 0.05% B = 0.1% F = 1.0%
40
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com


▲Up To Search▲   

 
Price & Availability of HS520A1M000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X